Part Number Hot Search : 
SEMB3 AD590KR IRN50 S1ZB60S B360B SEMICO X40620 RE20F
Product Description
Full Text Search
 

To Download TRXBG1LXDABMH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TRXBG1LXM
Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
Features
Lead Free Design & Fully RoHS Compliant Compatible with SFP MSA Compliant with IEEE 802.3ah Draft 3.3 Gigabit Ethernet 1000BASE-BX10 PMD Specifications Wavelengths of 1310nm, 1490nm and 1550nm Digital Diagnostics through Serial Interface Internal Calibration for Digital Diagnostics Distances up to 10km Eye Safe (Class I Laser Safety) Duplex LC Optical Interface Hot-pluggable TX Fault & Loss of Signal Outputs TX Disable Input Single +3.3V Power Supply
Pb
Description
The TRXBG1LXM modules are single fiber, bi-directional SFP transceivers that provide a quick and reliable interface for 1000BASE-BX10-D/U Gigabit Ethernet applications. Three types of modules are available: the 1310nm Fabry Perot laser-based transceiver (BX10-U), and the 1490nm or 1550nm DFB laser-based transceivers (BX10-D). The transceivers are designed to support data rates ranging from 1250Mb/s down to 125Mb/s and are integrated with digital diagnostics monitoring, which provides features to detect a problem before system performance is impacted. The diagnostic functions, alarms and warning features are provided via an I2C serial interface as described per the Multi-Source Agreement (MSA) document, SFF-8472 (Rev. 9.4). All modules meet Class I Laser Safety requirements in accordance with the U.S. and international standards as described in the FDA/CDRH and IEC-60825 documents, respectively. The TRXBG1LXM transceivers connect to standard 20-pad SFP connectors for hot plug capability. This allows the system designer to make configuration or maintenance changes by simply plugging in different types of transceivers without removing the power supply from the host system. The transceivers have color-coded latches that identify the TX wavelength. The MSA compliant latch offers an easy and convenient way to release the module. The transmitter and receiver DATA interfaces are ACcoupled internally. LV-TTL Transmitter Disable control input and Loss of Signal output interfaces are also provided. The transceivers operate from a single +3.3V power supply over an operating case temperature range of -5C to +70C or -40C to +85C. The package is made of metal.
Absolute Maximum Ratings
Parameter Storage Temperature Operating Case Temperature1 Supply Voltage Input Voltage Lead Terminal Finish, Reflow Profile Limits and MSL
1
Symbol Tst Commercial Industrial Top VCC Vin -
Minimum - 40 -5 - 40 0 0 -
Maximum + 85 + 70 + 85 + 4.5 VCC NA
Units C C V V -
Measured on top side of SFP module at the front center vent hole of the cage.
Optical Communication Products, Inc.
1
21737-0929, Rev. B 06-22-2006
TRXBG1LXM
Transmitter Performance Characteristics (over Operating Case Temperature, VCC = 3.13 to 3.47V)
Parameter Operating Data Rate Optical Output Power Center Wavelength
1
Symbol B Po
Minimum 125 - 9.0 1260 1480 1540 6 - 8.2 -
Typical 1310 1490 1550 -
Maximum 1250 - 3.0 1360 1500 1560 2.09 2.58 0.88 0.88 - 45 - 113 12 - 12 80 227
Units Mb/s dBm nm
BX10-U BX10-D2 BX10-U BX10-D2
1310nm FP 1490nm DFB 1550nm DFB 1260 - 1280nm 1281 - 1360nm 1480 - 1500nm 1540 - 1560nm RMS 20 Phi /Plo OMA RIN12OMA ORLT TR DJ TJ c
Spectral Width (RMS) Spectral Width (-20dB) Extinction Ratio Optical Modulation Amplitude
nm nm dB dBm dBm dB/Hz dB dB ps ps
Transmitter OFF Output Power Relative Intensity Noise Optical Return Loss Tolerance Transmitter Reflectance Deterministic Jitter Total Jitter Transmitter Output Eye2
1
Compliant with Eye Mask Defined in IEEE 802.3ah Standard
Measured average power coupled into single mode fiber. 2 The 1550nm option is not IEEE 802.3ah compliant.
Receiver Performance Characteristics (over Operating Case Temperature, VCC = 3.13 to 3.47V)
Parameter Operating Data Rate Minimum Input Optical Power (10 Sensitivity as OMA LOS Thresholds LOS Hysteresis1 Stressed Sensitivity Stressed Sensitivity as OMA Vertical Eye-Closure Penalty Deterministic Jitter Total Jitter Wavelength of Operation Receiver Reflectance Electrical 3dB Upper Cutoff Frequency
1 2 -12
Symbol B BER)
1
Minimum 125 - 20.0 - 3.0 - 18.7 - 30.0 0.5 - 15.4 - 14.6 2.6 1260 1480 -
Typical - 22.0 -
Maximum 1250 - 20.0 170 266 1360 1560 - 12 1500
Units Mb/s dBm dBm dBm dBm dB dBm dBm dB ps ps nm dB MHz
Pmin Pmax OMA Plos+ PlosDJ TJ
Maximum Input Optical Power (10-12 BER)1 Increasing Light Input Decreasing Light Input
BX10-D BX10-U
-
Measured at 1250Mb/s with 27-1 PRBS and 1310nm, 1490nm & 1550nm wavelengths. 2 Specified with minimum extinction ratio of 6dB.
Laser Safety: All transceivers are Class I Laser products per FDA/CDRH and IEC-60825 standards. They must be operated under specified operating conditions.
Optical Communication Products, Inc.
DATE OF MANUFACTURE: MANUFACTURED IN THE USA This product complies with 21 CFR 1040.10 and 1040.11 Meets Class I Laser Safety Requirements
2
21737-0929, Rev. B 06-22-2006
TRXBG1LXM
Transmitter Electrical Interface (over Operating Case Temperature, VCC = 3.13 to 3.47V)
Parameter Input Voltage Swing (TD+ & TD-)1 Input HIGH Voltage (TX Disable) Input LOW Voltage (TX Disable) Output HIGH Voltage (TX Fault)3 Output LOW Voltage (TX Fault)
1 2 3 2 2
Symbol VPP-DIF VIH VIL VOH VOL
Minimum 0.25 2.0 0 2.0 0
Typical -
Maximum 2.4 VCC 0.8 VCC + 0.3 0.8
Units V V V V V
Differential peak-to-peak voltage. There is an internal 4.7 to 10k pull-up resistor to VccT. 3 Open collector compatible, 4.7 to 10k pull-up resistor to Vcc (Host Supply Voltage).
Receiver Electrical Interface (over Operating Case Temperature, VCC = 3.13 to 3.47V)
Parameter Output Voltage Swing (RD+ & RD-) Output HIGH Voltage (LOS)
1 2 1
Symbol VPP-DIF VOH VOL
Minimum 0.6 2.0 0
Typical -
Maximum 2.0 VCC + 0.3 0.5
Units V V V
Output LOW Voltage (LOS)2
2
Differential peak-to-peak voltage across external 100 load. Open collector compatible, 4.7 to 10k pull-up resistor to Vcc (Host Supply Voltage).
Electrical Power Supply Characteristics (over Operating Case Temperature, VCC = 3.13 to 3.47V)
Parameter Supply Voltage Supply Current Commercial Industrial Symbol Vcc Icc Minimum 3.13 Typical 3.3 175 175 Maximum 3.47 245 285 Units V mA
Module Definition
MOD_DEF(0) pin 6 TTL LOW MOD_DEF(1) pin 5 SCL MOD_DEF(2) pin 4 SDA Interpretation by Host Serial module definition protocol
Electrical Pad Layout
20 19 18 17 16 15 14 13 12 11
TX GND TD- (TX DATA IN-) TD+ (TX DATA IN+) TX GND VccTX VccRX RX GND RD+ (RX DATA OUT+) RD- (RX DATA OUT-) RX GND TX GND TX Fault TX Disable MOD_DEF(2) MOD_DEF(1)
Host Board Connector Pad Layout
1 2 3 4 5 6 7 8 9 10
20 1 2 3 4 19 18 17 16 Toward 15 14 13 12 11
Toward
MOD_DEF(0) NO CONNECTION LOS RX GND RX GND
Bezel
5 6 7 8 9 10
ASIC
Top of Board
Bottom of Board (as viewed thru top of board)
3
21737-0929, Rev. B 06-22-2006
TRXBG1LXM
Example of SFP host board schematic
Vcc 3.3V
1H coil or ferrite bead (<0.2 series resistance)
Vcc 3.3V
+
10
0.1
16
0.1
RRR
2 8 4 5 6 50 line 50 line
R
TX Fault LOS MOD_DEF(2) MOD_DEF(1) MOD_DEF(0) (100 to ground internally) RX DATA OUT+ to 50 load RX DATA OUTto 50 load
+
15
10 0.1
TRXBG1LXM
TX Disable 50 line TX DATA IN+ 50 line TX DATA IN19 18 3 100
13 12
1, 9,10,11,14,17,20
R: 4.7 to 10k
Application Notes
Electrical interface: All signal interfaces are compliant with the SFP MSA specification. The high speed DATA interface is differential AC-coupled internally and can be directly connected to a 3.3V SERDES IC. All low speed control and sense output signals are open collector TTL compatible and should be pulled up with a 4.7 - 10k resistor on the host board. Loss of Signal (LOS): The Loss of Signal circuit monitors the level of the incoming optical signal and generates a logic HIGH when an insufficient photocurrent is produced. TX Fault: The output indicates LOW when the transmitter is operating normally, and HIGH with a laser fault including laser end-of-life. TX Fault is an open collector/drain output and should be pulled up with a 4.7 - 10k resistor on the host board. TX Fault is non-latching (automatically deasserts when fault goes away). TX Disable: When the TX Disable pin is at logic HIGH, the transmitter optical output is disabled (less than -45dBm). Serial Identification and Monitoring: The module definition of SFP is indicated by the three module definition pins, MOD_DEF(0), MOD_DEF(1) and MOD_DEF(2). Upon power up, MOD_DEF(1:2) appear as NC (no connection), and MOD_DEF(0) is TTL LOW. When the host system detects this condition, it activates the serial protocol (standard two-wire I2C serial interface) and generates the serial clock signal (SCL). The positive edge clocks data into the EEPROM segments of the SFP that are not write protected, and the negative edge clocks data from the SFP. This device does not require clock stretching. The serial data signal (SDA) is for serial data transfer. The host uses SDA in conjunction with SCL to mark the start and end of serial protocol activation. The supported monitoring functions are temperature, voltage, bias current, transmitter power, average receiver signal, all alarms and warnings, and software monitoring of TX Fault/LOS. The device is internally calibrated. The data transfer protocol and the details of the mandatory and vendor specific data structures are defined in the SFP MSA, and SFF-8472, Rev. 9.4. Power supply and grounding: The power supply line should be well-filtered. All 0.1F power supply bypass capacitors should be as close to the transceiver module as possible.
4
21737-0929, Rev. B 06-22-2006
TRXBG1LXM
Package Outline
8.9 .35 56.4 2.22 REF
13.4 0.1 .528 .004
9.9 .390
47.5 1.870
6.4 .250
8.5 0.1 .336 .004
3.12 .123
5.3 .210
13.6 .534
45 0.20 1.772 .008
41.8 0.15 1.646 .006
Dimensions in inches [mm] Default tolerances: .xxx = + .005", .xx = + .01"
Ordering Information
Model Name TRXBG1LXDBBMH TRXBG1LXDBVM2 TRXBG1LXDBYM5 TRXBG1LXDABMH TRXBG1LXDAVM2 TRXBG1LXDAYM5 Temperature Range - 5C to +70C - 5C to +70C - 5C to +70C - 40C to +85C - 40C to +85C - 40C to +85C Latch Color Blue Violet Yellow Blue Violet Yellow Typical Wavelength Tx 1310nm 1490nm 1550nm 1310nm 1490nm 1550nm Rx 1490/1550nm 1310nm 1310nm 1490/1550nm 1310nm 1310nm Distance 10km 10km 10km 10km 10km 10km
Optical Communication Products, Inc.
6101 Variel Avenue, Woodland Hills, CA 91367, Tel.: 818-251-7100, FAX: 818-251-7111, www.ocp-inc.com
Optical Communication Products, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Optical Communication Products, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Optical Communication Products, Inc. for its use nor for any infringements of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Optical Communication Products, Inc. (c)2006, Optical Communication Products, Inc.
5
21737-0929, Rev. B 06-22-2006


▲Up To Search▲   

 
Price & Availability of TRXBG1LXDABMH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X